Part Number Hot Search : 
SDM5013 SDM5013 A114EA 74HCT241 BTS4141N 2412W 9FGL06 10020
Product Description
Full Text Search
 

To Download BAS21LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
High Voltage Switching Diode
3 CATHODE 1 ANODE
BAS21LT1
3
MAXIMUM RATINGS
Rating Continuous Reverse Voltage Peak Forward Current Peak Forward Surge Current Symbol VR IF I FM(surge) Value 250 200 625 Unit Vdc mAdc mAdc
1 2
CASE 318-08, STYLE 8 SOT-23 (TO-236AB)
DEVICE MARKING
BAS21LT1 = JS
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board, (1) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate, (2) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 RJA PD 556 300 2.4 RJA TJ , Tstg 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C
ELECTRICAL CHARACTERISTICS (T A = 25C unless otherwise noted)
Characteristic Symbol IR -- -- V (BR) VF -- -- CD t rr -- -- 1000 1250 5.0 50 pF ns 250 1.0 100 -- Vdc mV Min Max Unit Adc
OFF CHARACTERISTICS
Reverse Voltage Leakage Current (V R = 200Vdc) (V R = 200Vdc, T J = 150C) Reverse Breakdown Voltage (I BR = 100 Adc) Forward Voltage (I F = 100 mAdc) (I F = 200 mAdc) Diode Capacitance (V R = 0, f = 1.0 MHz) Reverse Recovery Time (I F = I R = 30mAdc, R L = 100 ) 1. FR-5 = 1.0 x 0.75 x 0.062 in. 2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
G3-1/2
LESHAN RADIO COMPANY, LTD.
BAS21LT1
+10 V 820 2.0 k 0.1F tr tp 10% t IF t rr t
100 H
IF
0.1 F
50 OUTPUT PULSE GENERATOR
D.U.T.
50 INPUT SAMPLING OSCILLOSCOPE
90% V R INPUT SIGNAL IR
i R(REC) = 3.0 mA OUTPUT PULSE (I F = I R = 30 mA; MEASURED at i
R(REC)
= 3.0 mA)
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (I F ) of 30 mA. Notes: 2. Input pulse is adjusted so I R(peak) is equal to 30 mA. Notes: 3. t p t rr
Figure 1. Recovery Time Equivalent Test Circuit
G3-2/2


▲Up To Search▲   

 
Price & Availability of BAS21LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X